PART |
Description |
Maker |
QL5332-33APQ208C QL5332-33APQ208I |
33MHz/32-bit PCI master/target with embedded programmable logic and dual port SRAM.
|
QuickLogic
|
HHBA-5101 HHBA-5101C HHBA-5101CP |
1 Gb 64-bit. 33MHz Tachyon TL PCI-to-Fibre Channel Adapter. Bulk Packaging Agilent HHBA-5101 64-bit Tachyon TL PCI-to-Fibre Channel Adapter HHBA-5101C · 1 Gb 64-bit, 33MHz Tachyon TL PCI-to-Fibre Channel Adapter HHBA-5101CP · 1 Gb 64-bit, 33MHz Tachyon TL PCI-to-Fibre Channel Adapter, Bulk Packaging
|
HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
S5935QF S5935TF S5935 |
PCI 5V Bus Master/Target Device 32-bit
|
AMCC[Applied Micro Circuits Corporation]
|
QL5064 |
66 MHz/64-bit PCI Master/Target with Embedded
Programmable Logic and Dual Port SRAM
|
quicklogic
|
QL5030 QL5030_DS |
33 MHz/32-bit PCI Target with Embedded Programmable Logic
and Dual Port SRAM From old datasheet system
|
quicklogic
|
OR3LP26B |
Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
|
AGERE[Agere Systems]
|
OR3TP12 |
Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
|
AGERE[Agere Systems]
|
SAK-C167CR-L33MGAGA-T-STEP SAK-C167XR-4RMGAGA-T-ST |
16-Bit Microcontrollers - 16-Bit CMOS microcontroller (33MHz) 16-Bit Microcontrollers - 16-Bit CMOS microcontroller (25MHz) High-end 16-bit Microcontroller with optional on-chip CAN
|
Infineon
|
AT89S52-33JU AT89S52-33AU AT89S52-33PU |
8-bit Microcontroller with 8K Bytes In-System Programmable Flash 33MHZ, PLCC, IND TEMP, GREEN, 4V-5.5V(MCU 5X) 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44
|
ATMEL Corporation Atmel, Corp.
|
HSP43168 |
Filter, Dual FIR, 33MHz, Two Independent 8-TAP FIRs or a Single 16-TAP FIR, 10-Bit Data, 10-Bit Coefficients
|
Intersil
|
APCI-IB40 |
PCI-BUS I/O CARD PCI总线I / O 32-bit PCI Local Bus I/O board
|
ETC List of Unclassifed Manufacturers
|
W89C940 W89C940F |
ELANC-PCI (TWISTED-PAIR ETHER-LAN CONTROLLER WITH PCI INTERFACE) PCI Ethernet Controller
|
Winbond Electronics
|